Part Number Hot Search : 
TLV16 B3164 IXI858S1 SI9165DB A1209 CAT51 6MSUK CAT51
Product Description
Full Text Search
 

To Download NTTD1P02R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTTD1P02R2 Power MOSFET -1.45 Amps, -20 Volts
P-Channel Enhancement Mode Dual Micro8 Package
Features
* * * * * *
Ultra Low RDS(on) Higher Efficiency Extending Battery Life Logic Level Gate Drive Miniature Dual Micro8 Surface Mount Package Diode Exhibits High Speed, Soft Recovery Micro8 Mounting Information Provided
http://onsemi.com
-1.45 AMPERES -20 VOLTS 160 mW @ VGS = -4.5
Dual P-Channel D
Applications
* Power Management in Portable and Battery-Powered Products, i.e.:
Computers, Printers, PCMCIA Cards, Cellular and Cordless Telephones
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Drain-to-Source Voltage Gate-to-Source Voltage - Continuous Thermal Resistance - Junction-to-Ambient (Note 1.) Total Power Dissipation @ TA = 25C Continuous Drain Current @ TA = 25C Continuous Drain Current @ TA = 70C Pulsed Drain Current (Note 3.) Thermal Resistance - Junction-to-Ambient (Note 2.) Total Power Dissipation @ TA = 25C Continuous Drain Current @ TA = 25C Continuous Drain Current @ TA = 70C Pulsed Drain Current (Note 3.) Operating and Storage Temperature Range Single Pulse Drain-to-Source Avalanche Energy - Starting TJ = 25C (VDD = -20 Vdc, VGS = -4.5 Vdc, Peak IL = -3.5 Apk, L = 5.6 mH, RG = 25 ) Maximum Lead Temperature for Soldering Purposes for 10 seconds Symbol VDSS VGS RJA PD ID ID IDM RJA PD ID ID IDM TJ, Tstg EAS Value -20 "8.0 250 0.50 -1.45 -1.15 -10 125 1.0 -2.04 -1.64 -16 -55 to +150 35 Unit V V G
S C/W W A A A C/W W A A A C mJ Source 1 Gate 1 Source 2 Gate 2 TL 260 C 1 8 2 YWW 7 3 6 BC 4 5 (Top View) Y = Year WW = Work Week BC = Device Code Drain 1 Drain 1 Drain 2 Drain 2
8 1 Micro8 CASE 846A STYLE 2
MARKING DIAGRAM & PIN ASSIGNMENT
1. Minimum FR-4 or G-10 PCB, Steady State. 2. Mounted onto a 2 square FR-4 Board (1 sq. 2 oz Cu 0.06 thick single sided), Steady State. 3. Pulse Test: Pulse Width = 300 ms, Duty Cycle = 2%.
ORDERING INFORMATION
Device NTTD1P02R2 Package Micro8 Shipping 4000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2003
1
December, 2003 - Rev. 1
Publication Order Number: NTTD1P02R2/D
NTTD1P02R2
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted) (Note 4.)
Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (VGS = 0 Vdc, ID = -250 Adc) Temperature Coefficient (Positive) Zero Gate Voltage Drain Current (VGS = 0 Vdc, VDS = -20 Vdc, TJ = 25C) (VGS = 0 Vdc, VDS = -20 Vdc, TJ = 125C) Gate-Body Leakage Current (VGS = -8 Vdc, VDS = 0 Vdc) Gate-Body Leakage Current (VGS = +8 Vdc, VDS = 0 Vdc) ON CHARACTERISTICS Gate Threshold Voltage (VDS = VGS, ID = -250 Adc) Temperature Coefficient (Negative) Static Drain-to-Source On-State Resistance (VGS = -4.5 Vdc, ID = -1.45 Adc) (VGS = -2.7 Vdc, ID = -0.7 Adc) (VGS = -2.5 Vdc, ID = -0.7 Adc) Forward Transconductance (VDS = -10 Vdc, ID = -0.7 Adc) DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance SWITCHING CHARACTERISTICS (Notes 5. & 6.) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge BODY-DRAIN DIODE RATINGS (Note 5.) Diode Forward On-Voltage (IS = -1.45 Adc, VGS = 0 Vdc) (IS = -1.45 Adc, VGS = 0 Vdc, TJ = 125C) (IS = -1.45 Adc, VGS = 0 Vdc, 1 45 Ad Vd dIS/dt = 100 A/s) Reverse Recovery Stored Charge 4. Handling precautions to protect against electrostatic discharge is mandatory. 5. Indicates Pulse Test: Pulse Width = 300 s max, Duty Cycle = 2%. 6. Switching characteristics are independent of operating junction temperature. VSD - - - - - - -0.91 -0.72 25 13 12 0.015 -1.1 - - - - - C Vdc (VDS = -16 Vdc, VGS = -4.5 Vdc, ID = -1.45 Adc) 1 45 Ad ) (VDD = -16 Vdc, ID = -0.7 Adc, 16 0.7 VGS = -4.5 Vdc, RG = 6.0 ) (VDD = -16 Vdc, ID = -1.45 Adc, 16 1.45 VGS = -4.5 Vdc, RG = 6.0 ) td(on) tr td(off) tf td(on) tr td(off) tf Qtot Qgs Qgd - - - - - - - - - - - 10 25 30 25 10 20 30 20 5.0 1.5 2.0 - - - - - - - - 10 - - nC ns ns (VDS = -16 Vdc, VGS = 0 Vdc, 16 Vd Vd f = 1.0 MHz) Ciss Coss Crss - - - 265 100 60 - - - pF VGS(th) -0.7 - RDS(on) - - - gFS - 0.130 0.175 0.190 2.5 0.160 0.250 - - Mhos -0.95 2.3 -1.4 - Vdc V(BR)DSS -20 - IDSS - - IGSS - IGSS - - 100 - -100 nAdc - - -1.0 -10 nAdc - -12 - - Vdc mV/C Adc Symbol Min Typ Max Unit
Reverse Recovery Time
trr ta tb QRR
ns
http://onsemi.com
2
NTTD1P02R2
3 -2.7 V -2.9 V -3.1 V -3.3 V -3.7 V -4.5 V 2 -8 V -1.9 V 1 -1.7 V VGS = -1.5 V 0 0 0.25 0.5 0.75 1 1.25 1.5 1.75 -VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 3 -2.5 V TJ = 25C -2.1 V -ID, DRAIN CURRENT (AMPS) -2.3 V VDS -10 V
-ID, DRAIN CURRENT (AMPS)
2
TJ = -55C 1 TJ = 100C TJ = 25C
0 0 0.5 1 1.5 2 2.5 3 3.5 -VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) RDS(on), DRAIN-TO-SOURCE RESISTANCE (W)
Figure 2. Transfer Characteristics
0.4
0.3 TJ = 25C VGS = -2.5 V 0.2 VGS = -2.7 V VGS = -4.5 V
0.3
ID = -1.45 A TJ = 25C
0.2
0.1
0.1
0 0 2 4 6 8 10 12 -VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
0 0 0.5 1 1.5 2 2.5 3 3.5 -ID, DRAIN CURRENT (AMPS)
Figure 3. On-Resistance versus Gate-to-Source Voltage
Figure 4. On-Resistance versus Drain Current and Gate Voltage
1.6 RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED) ID = -1.45 A VGS = -4.5 V
100 VGS = 0 V -IDSS, LEAKAGE (nA) TJ = 125C
1.4
1.2
10
TJ = 100C
1
0.8
0.6 -50
1 -25 0 25 75 50 100 125 TJ, JUNCTION TEMPERATURE (C) 150 4 8 12 16 -VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 20
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-to-Source Leakage Current versus Voltage
http://onsemi.com
3
NTTD1P02R2
800 Ciss C, CAPACITANCE (pF) 600 Crss 400 Ciss 200 Coss 0 10 5 0 -VGS -VDS 5 10 15 Crss 20 VDS = 0 V VGS = 0 V TJ = 25C 5 QT 4 -VGS Q1 2 ID = -1.45 A TJ = 25C Q2 20 18 16 14 12 10 8 6 1 0 0 1 2 3 4 5 6 Qg, TOTAL GATE CHARGE (nC) -VDS 4 2 0 -VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) 1 -VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
3
GATE-TO-SOURCE OR DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 8. Gate-to-Source and Drain-to-Source Voltage versus Total Charge
Figure 7. Capacitance Variation
100 -IS, SOURCE CURRENT (AMPS) VDD = -16 V ID = -1.45 A VGS = -4.5 V t, TIME (ns) 1.6 VGS = 0 V TJ = 25C
1.2
10
td (off) tf td (on)
tr
0.8
0.4
1 1 10 RG, GATE RESISTANCE (OHMS) 100
0 0.4 0.5 0.6 0.7 0.8 0.9 -VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
Figure 9. Resistive Switching Time Variation versus Gate Resistance
100 ID , DRAIN CURRENT (AMPS)
Figure 10. Diode Forward Voltage versus Current
VGS = 8 V SINGLE PULSE TC = 25C 100 ms 1 ms IS
di/dt
10
trr ta tb TIME tp 0.25 IS IS
1 10 ms
0.1
0.01
RDS(on) LIMIT THERMAL LIMIT PACKAGE LIMIT 0.1 1 10
dc 100
Figure 12. Diode Reverse Recovery Waveform
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
http://onsemi.com
4
NTTD1P02R2
TYPICAL ELECTRICAL CHARACTERISTICS
1000 Rthja(t), EFFECTIVE TRANSIENT THERMAL RESISTANCE (C/W)
100
D = 0.5 0.2 0.1 0.05 0.02 0.01
10
P(pk)
1 SINGLE PULSE 0.1 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 t, TIME (s)
t2 DUTY CYCLE, D = t1/t2 1.0E+00
t1
RJC(t) = r(t) RJC D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t) 1.0E+01 1.0E+02 1.0E+03
Figure 13. Thermal Response
http://onsemi.com
5
NTTD1P02R2
PACKAGE DIMENSIONS
Micro8 CASE 846A-02 ISSUE F
-A-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. 846A-01 OBSOLETE, NEW STANDARD 846A-02. DIM A B C D G H J K L MILLIMETERS MIN MAX 2.90 3.10 2.90 3.10 --- 1.10 0.25 0.40 0.65 BSC 0.05 0.15 0.13 0.23 4.75 5.05 0.40 0.70 INCHES MIN MAX 0.114 0.122 0.114 0.122 --- 0.043 0.010 0.016 0.026 BSC 0.002 0.006 0.005 0.009 0.187 0.199 0.016 0.028
K
-B-
PIN 1 ID
G D 8 PL 0.08 (0.003)
M
TB
S
A
S
-T- PLANE 0.038 (0.0015) H
SEATING
C J L
STYLE 2: PIN 1. 2. 3. 4. 5. 6. 7. 8.
SOURCE 1 GATE 1 SOURCE 2 GATE 2 DRAIN 2 DRAIN 2 DRAIN 1 DRAIN 1
SOLDERING FOOTPRINT*
8X
1.04 0.041
0.38 0.015
8X
3.20 0.126
4.24 0.167
5.28 0.208
6X
0.65 0.0256
SCALE 8:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
Micro8 is a trademark of International Rectifier.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
NTTD1P02R2/D


▲Up To Search▲   

 
Price & Availability of NTTD1P02R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X